PART |
Description |
Maker |
PG2322 PG2324 PG2311 PG2326 PG2325 PG2316 |
Negative 48V Hot Swap Controller; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Negative 48V Hot Swap Controller; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Secondary Side Dual Output Controller with Opto Driver; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 125°C Negative 48V Hot Swap Controller; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C Negative 48V Hot Swap Controller; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 10A I(C) | TO-5 晶体管|晶体管|进步党| 50V五(巴西)总裁| 10A条一(c)|5
|
Glenair, Inc.
|
AM27C800-120DC AM27C800-120DCB AM27C800-120DE AM27 |
Hot Swappable 2-Wire Bus Buffers; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C x8/x16存储 x8/x16 EPROM x8/x16存储 Dual Hot Swap Controller/Power Sequencer with Dual Speed, Dual Level Fault Protection; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C x8/x16存储 -48V Hot Swap Controller with Sequencer; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C x8/x16存储 Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C x8/x16存储 Negative Voltage Hot Swap Controllers; Package: MSOP; No of Pins: 10; Temperature Range: 0°C to 70°C x8/x16存储 x8/x16EPROM
|
Advanced Micro Devices, Inc. Molex, Inc. Rochester Electronics, LLC 3M Company Macronix International Co., Ltd. Analog Integrations, Corp. Analog Devices, Inc.
|
X24042 X24042P X24042P-2.7 X24042P-3 X24042PI X240 |
4K (512 x 8bit) serial E2PROM Hot Swap Controller IC; Hot Swap Controller Type:Negative Voltage; Controlled Voltage Min:-10V; Controlled Voltage Max:-80V; Number of Controlled Voltages:1; Package/Case:8-SOIC; Power Good Output:Active High
|
XICOR[Xicor Inc.]
|
SMH4814SR05 SMH4814 SMH4814NCR00 SMH4814NCR01 SMH4 |
Dual Feed Active-ORing Programmable Hot Swap Controller
|
SUMMIT[Summit Microelectronics, Inc.]
|
ISL6173DRZA-T |
Dual Low Voltage Hot Swap Controller 2-CHANNEL POWER SUPPLY SUPPORT CKT, PQCC28
|
Intersil, Corp. Intersil Corporation
|
EVAL-ADM1073MEB ADM1073 ADM1073ARU ADM1073ARU-REEL |
-48 V Full Feature Hot Swap Controller Full-Feature −48 V Hot Swap Controller
|
AD[Analog Devices]
|
LTC4222 LTC1422 LTC1421 LTC4210 LTC4211 LTC1647 LT |
Wide Operating Range Dual Hot Swap Controller Fast Response Limits Peak Fault Current Wide Operating Range Dual Hot Swap Controller Fast Response Limits Peak Fault Current
|
Linear Technology
|
ADM1070ART ADM1070 |
-48 V Hot Swap Controller
|
AD[Analog Devices]
|
ADM1173 |
2.7V to 16.5V Hot Swap Controller
|
Analog Devices
|
LTC1642-15 |
Hot Swap Controller
|
Linear Technology
|
LTC1421CG LTC1421CSW LTC1421 |
Hot Swap Controller
|
Linear Technology
|